PART |
Description |
Maker |
500X07NW101MV4T 500X07NW152MV4T 500X07NW222MV4T 50 |
1 FUNCTIONS, 50 V, DATA LINE FILTER ROHS COMPLIANT, EIA STD PACKAGE SIZE 0402, 3 PIN 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
Vicor, Corp.
|
PM1206CM-601-RC PM0805CM-121-RC |
Pwr Choke, Shielded 2 FUNCTIONS, 50 V, 0.26 A, DATA LINE FILTER Common Mode Chip Inductor 2 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER
|
Bourns, Inc. BOURNS INC
|
CTHF2422 CTHF2422-103M1R2 CTHF2422-203M1R0 CTHF242 |
2 FUNCTIONS, 250 V, 2.5 A, DATA LINE FILTER 2 FUNCTIONS, 250 V, 2 A, DATA LINE FILTER 2 FUNCTIONS, 250 V, 0.4 A, DATA LINE FILTER Common Mode Chokes - Radial
|
Central Technologies
|
SBSMP1000334MXB SBSMP1000224MXB SBSMP1000334MXT SB |
1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 20 A, FEED THROUGH CAPACITOR
|
SYFER TECHNOLOGY LTD
|
ICM1206RK601M ICM-1206 ICM1206RK222M ICM1206RK900M |
2 FUNCTIONS, 50 V, 0.37 A, DATA LINE FILTER 2 FUNCTIONS, 50 V, 0.2 A, DATA LINE FILTER Surface Mount Common Mode Choke
|
VISHAY DALE Vishay Siliconix http://
|
BM1012LF06 BM1012LFNP-B0R2 BM1012LFNP-B0R4 BM1012L |
2 FUNCTIONS, 2.75 A, DATA LINE FILTER ROHS COMPLIANT PACKAGE-4 2 FUNCTIONS, 2.5 A, DATA LINE FILTER ROHS COMPLIANT PACKAGE-4 DC COMMON MODE CHOKE COIL 2 FUNCTIONS, 3.9 A, DATA LINE FILTER
|
Sumida Corporation Sumida, Corp.
|
PACUSBD1YB5 PACUSBD1Y5R PACUSBD1YB5R PACUSB-D2YB5 |
1 FUNCTIONS, DATA LINE FILTER LEAD FREE, SC70-5 1 FUNCTIONS, DATA LINE FILTER SC70-5 USB Downstream Port Terminator
|
ON Semiconductor California Micro Devices Corp
|
P0420T P0353NL P0353NLT P0502T P0420NL P0429NL P04 |
2 FUNCTIONS, 14 A, DATA LINE FILTER ROHS COMPLIANT PACKAGE-4 2 FUNCTIONS, 1.63 A, DATA LINE FILTER
|
Pulse Engineering, Inc. Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
500X14W102MV4E 101X14W102MV4R 101X18W472MV4R 101X1 |
1 FUNCTIONS, 50 V, DATA LINE FILTER 1 FUNCTIONS, 100 V, DATA LINE FILTER
|
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
HM67-B510LF HM67-B222LF HM67-S250LF HM67-B102LF |
Surface Mount Common Mode Chokes 2 FUNCTIONS, 0.5 A, DATA LINE FILTER Surface Mount Common Mode Chokes 2 FUNCTIONS, 0.4 A, DATA LINE FILTER Operating Temperature Range
|
BI Technologies, Corp. List of Unclassifed Man...
|
|